Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3TG Datasheet(PDF) 2 Page - STMicroelectronics

Part # DB3TG
Description  DIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB3TG Datasheet(HTML) 2 Page - STMicroelectronics

  DB3TG Datasheet HTML 1Page - STMicroelectronics DB3TG Datasheet HTML 2Page - STMicroelectronics DB3TG Datasheet HTML 3Page - STMicroelectronics DB3TG Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB3TG
2/4
Symbol
Parameter
Test Conditions
Value
Unit
VBO
Breakover voltage *
C = 22nF **
MIN.
30
V
TYP.
32
MAX.
34
IVBO1 -VBO2 I
Breakover voltage
symmetry
C = 22nF **
MAX.
± 2
V
∆ V
Dynamic breakover
voltage *
VBO and VF at
10mA
MIN.
9
V
VO
Output voltage *
see diagram 2
(R=20
Ω)
MIN.
5
V
IBO
Breakover current *
C = 22nF **
MAX.
15
µA
tr
Rise time *
see diagram 3
MAX.
2
µs
IR
Leakage current *
VR = 0.5 VBO max
MAX.
10
µA
* Applicable to both forward and reverse directions.
** Connected in parallel to the device.
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
DB
3
TG
Special V
range
BO
Breakover voltage
3: V
typ = 32V
BO
Diac Series
ORDERING INFORMATION
Part Number
Marking
Weight
Base Quantity
Packing Mode
DB3TG
DB3TG (Blue Body Coat)
0.15 g
5000
Tape & Reel
OTHER INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com