Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-12.5M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # V680-HS63-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-12.5M Datasheet(HTML) 5 Page - Omron Electronics LLC

  V680-HS63-R-12.5M Datasheet HTML 1Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 2Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 3Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 4Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 5Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 6Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 7Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 8Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
V680 Series
Antenna (Detachable Amplifier Unit Type)
Antenna with Built-in Amplifier
* Use an Antenna Cable to connect the Antenna to the Controller.
The maximum cable length is 30.5 m.
Amplifier Unit
ID Controller
Type
Appearance
Size
Cable length
Model
Cylindrical
Standard cable,
waterproof
connector
M22
× 65 mm
2 m
V680-HS52-W 2M
12.5 m
V680-HS52-W 12.5M
Flexible cable,
nonwaterproof
connector
2 m
V680-HS52-R 2M
12.5 m
V680-HS52-R 12.5M
Standard cable,
nonwaterproof
connector
M12
× 35 mm
2 m
V680-HS51 2M
Square
Standard cable,
waterproof
connector
40
× 53 × 23 mm
2 m
V680-HS63-W 2M
12.5 m
V680-HS63-W 12.5M
Flexible cable,
nonwaterproof
connector
2 m
V680-HS63-R 2M
12.5 m
V680-HS63-R 12.5M
Standard cable,
waterproof
connector
100
× 100 × 30 mm
2 m
V680-HS65-W 2M
12.5 m
V680-HS65-W 12.5M
Flexible cable,
nonwaterproof
connector
2 m
V680-HS65-R 2M
12.5 m
V680-HS65-R 12.5M
Type
Appearance
Size
Cable length
Model
Square
250
× 200 × 35 mm
0.5 m
*
V680-H01-V2
Type
Appearance
Size
Cable length
Model
For 1-kbyte memory
25
× 40 × 65 mm
0.5 m
V680-HA63A 0.5M
5 m
V680-HA63A 5M
10 m
V680-HA63A 10M
For 2-/8-kbyte memory
0.5 m
V680-HA63B 0.5M
5 m
V680-HA63B 5M
10 m
V680-HA63B 10M
Type
No. of connectable
Amplifiers
Appearance
Size
Communication interface
Model
DC power supply
Single
105
× 90 × 65 mm
RS232C,
RS422/RS485
V680-CA5D01-V2
Dual
V680-CA5D02-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com