Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V680-HS63-R-12.5M Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # V680-HS63-R-12.5M
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS63-R-12.5M Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button V680-HS63-R-12.5M Datasheet HTML 46Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 47Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 48Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 49Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 50Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 51Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 52Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 53Page - Omron Electronics LLC V680-HS63-R-12.5M Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
V680 Series
50
Dimensions
RF Tag
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
R0.2
8
5
0
–0.1
0
–0.1 dia.
V680-D1KP52MT/-D2KF52M
Case material
PPS resin
Filling
Epoxy resin
V680-D1KP53M
Case material
PPS resin
Filling
Epoxy resin
C0.5
10 dia.
6-R0.8
4.5
2.7±0.1
1.1
16 dia.
20 dia.
V680-D1KP54T
Case material
PPS resin
4-R4
32
34
25±0.2
25±0.2
25±0.2
25±0.2
4-R2.7
32
34
Two,
6 dia.
3.5±0.1
Two,
3.5 dia.
Two, M3
Mounting Hole Dimensions
V680-D1KP66T/-D1KP66MT
Case material
PPS resin
Two, 5.5 dia.
4-R6
1.3
6.5 2.5 max.
(mounting holes)
Two, M5
80 ±0.2
80 ±0.2
34
95
34
36.5
Mounting Hole Dimensions
V680-D1KP66T-SP
Case material
PFA resin
32±0.2
40
5
32±0.2
32±0.2
40
2
32±0.2
Two, 3.5-dia.
(mounting holes)
Two, M3
Mounting Hole Dimensions
Mounting height 5+1.0
0
V680S-D2KF67/-D2KF67M
V680S-D8KF67/-D8KF67M
Case material
PPS resin
Mounting Hole Dimensions
44±0.2
54
76±0.2
86
5
76±0.2
44±0.2
Two, M4
Two, 4.5-dia.
(mounting holes)
10
Mounting height 10+1.0
0
V680S-D2KF68/-D2KF68M
V680S-D8KF68/-D8KF68M
Case material
PPS resin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com