Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC02A3C Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24AC02A3C
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC02A3C Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24AC02A3C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ACE24AC02A3C
Two-wire Serial EEPROM
VER 1.1
5
Figure 4: Timing diagram for output acknowledge
Device Addressing
The 2-wire serial bus protocol mandates an 8 bits device address word after a START bit condition to
invoke valid read or write command. The first four most significant bits of the device address must be
1010, which is common to all serial EEPROM devices. The next three bits are device address bits. These
three device address bits (5
th, 6th and 7th) are to match with the external chip select/address pin states. If a
match is made, the EEPROM device outputs an ACKNOWLEDGE signal after the 8
th read/write bit,
otherwise the chip will go into STANDBY mode.
The last or 8
th bit is a read/write command bit. If the 8th bit is at VIH then the chip goes into read mode. If
a “0” is detected, the device enters programming mode.
Write Operations
(A)
Byte Write
A byte write operation starts when a micro-controller sends a START bit condition, follows by a
proper EEPROM device address and then a write command. If the device address bits match the
chip select address, the EEPROM device will acknowledge at the 9th clock cycle. The
micro-controller will then send the rest of the lower 8 bits word address. At the 18th cycle, the
EEPROM will acknowledge the 8-bit address word. The micro- controller will then transmit the 8 bit
data. Following an ACKNOWLDEGE signal from the EEPROM at the 27th clock cycle, the
micro-controller will issue a STOP bit. After receiving the STOP bit, the EEPROM will go into a
self-timed programming mode during which all external inputs will be disabled. After a programming
time of TWC, the byte programming will finish and the EEPROM device will return to the STANDBY
mode.
(B)
Page Write
A page write is similar to a byte write with the exception that one to sixteen bytes can be
programmed along the same page or memory row. All ACE24AC02A3C are organized to have 16
bytes per memory row or page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com