Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC02A3C Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE24AC02A3C
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC02A3C Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE24AC02A3C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24AC02A3C Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ACE24AC02A3C
Two-wire Serial EEPROM
VER 1.1
12
Packaging information
TSSOP-8
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
D
2.900
3.100
0.114
0.122
E
4.300
4.500
0.169
0.177
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.004
0.008
E1
6.250
6.550
0.246
0.258
A
1.100
0.043
A2
0.800
1.000
0.031
0.039
A1
0.020
0.150
0.001
0.006
e
0.65 (BSC)
0.026 (BSC)
L
0.500
0.700
0.020
0.028
H
0.25 (TYP)
0.01 (TYP)
θ
1°
7°
1°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com