Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC16B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24AC16B
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC16B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24AC16B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ACE24AC16B
Two-wire Serial EEPROM
VER 1.1
6
With the same write command as the byte write, the micro-controller does not issue a STOP bit after
sending the 1st byte data and receiving the ACKNOWLEDGE signal from the EEPROM on the 27th
clock cycle. Instead it sends out a second 8-bit data word, with the EEPROM acknowledging at the
36th cycle.
This data sending and
EEPROM acknowledging cycle repeats until the micro-controller sends a STOP bit after the n × 9th
clock cycle.
After which the EEPROM device will go into a self-timed partial or full page programming mode. After
the page programming completes after a time of TWC, the devices will return to the STANDBY
mode.
The least significant 4 bits of the word address (column address) increments internally by one after
receiving each data word. The rest of the word address bits (row address) do not change internally,
but pointing to a specific memory row or page to be programmed. The first page write data word can
be of any column address. Up to 16 data words can be loaded into a page.
If more then 16 data
words are loaded, the 17th data word will
be loaded to the 1st data word column address. The 18th
data word will be loaded to the 2nd data word column address and so on. In other word, data word
address (column address) will “roll” over the previously loaded data.
(C)
Acknowledge Polling
ACKNOWLEDGE polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the STANDBY mode, the device will return a
valid ACKNOWLEDGE signal at the 9th clock cycle.
Read Operations
The read command is similar to the write command except the 8th read/write bit in address word is set to
“1”. The three read operation modes are described as follows:
(A)
Current Address Read
The EEPROM internal address word counter maintains the last read or write address plus one if the
power supply to the device has not been cut off. To initiate a current address read operation, the
micro-controller issues a start bit and a valid device address word with the read/write bit (8th) set
to“1”. The EEPROM will response with an acknowledge signal on the 9th serial clock cycle.
An
8-bit data word will then be serially clocked out. The internal address word counter will then
automatically increase by one. For current address read the micro-controller will not issue an
acknowledge signal on the 18
th
clock cycle.
The micro-controller issues a valid stop bit after the
18
th
clock cycle to terminate the read operation. The device then returns to standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com