Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE24AC16B Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE24AC16B
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC16B Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24AC16B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24AC16B Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ACE24AC16B
Two-wire Serial EEPROM
VER 1.1
7
(B)
Sequential Read
The sequential read is very similar to current address read. The micro-controller issues a start bit
and a valid device address word with read/write bit (8
th
) set to “1”. The EEPROM will response with
an acknowledge signal on the 9
th
serial clock cycle. An 8-bit data word will then be serially clocked
out. Meanwhile the internally address word counter will then automatically increase by one. Unlike
current address read, the micro-controller sends an acknowledge signal on the 18th clock cycle
signaling the EEPROM device that it wants another byte of data. Upon receiving the acknowledge
signal, the EEPROM will serially clocked out an 8-bit data word based on the incremented internal
address counter. If the micro-controller needs another data, it sends out an acknowledge signal on
the 27
th
clock cycle. Another 8-bit data word will then be serially clocked out. This sequential read
continues as long as the micro-controller sends an acknowledge signal after receiving a new data
word. When the internal address counter reaches its maximum valid address, it rolls over to the
beginning of the memory array address. Similar to current address read, the micro-controller can
terminate the sequential read by not acknowledging the last data word received, but sending a stop
bit afterwards instead.
(C)
Random Read
Random read is a two-steps process. The first step is to initialize the internal address counter with a
target read address using a “dummy write” instruction. The second step is a current address read.
To initialize the internal address counter with a target read address, the micro-controller issues a
start bit first, follows by a valid device address with the read/write bit (8
th
) set to “0”. The EEPROM
will then acknowledge. The micro-controller will then send the address word. Again the EEPROM will
acknowledge. Instead of sending a valid written data to the EEPROM, the micro-controller performs
a current address read instruction to read the data. Note that once a start bit is issued, the EEPROM
will reset the internal programming process and continue to execute the new instruction which is to
read the current address.
Figure 3: Byte Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com