Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE345E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE345E
Description  Adjustable USB Load Current Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE345E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE345E
Adjustable USB Load Current Switch
VER 1.2
2
Packaging Type
SOT-23-5
Ordering information
ACE345E XX + H
SOT-23-5
Description
Function
1
OUT
Current limit Output. Bypass with a capacitor that is greater than 120uF if used
for USB
2
GND
Ground
3
ILIM
Current limit threshold setting pin. Connect a resistor from this pin to GND
to
set different current limit values
4
EN
Enable pin
5
IN
Power input. Bypass with a 4.7
µF capacitor to GND
Pb - free
BN: SOT-23-5
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com