Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE345E Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE345E
Description  Adjustable USB Load Current Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE345E Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE345E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 10Page - ACE Technology Co., LTD. ACE345E Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE345E
Adjustable USB Load Current Switch
VER 1.2
9
Application Information
Input Output Capacitance
Input and output capacitance improves the performance of the device; the actual capacitance should be
optimized for the particular application. For all applications, a 4.7µF or greater ceramic bypass capacitor
between IN and GND is recommended as close to the device as possible for local noise de-coupling. This
precaution reduces ringing on the input due to power-supply transients. Additional input capacitance may
be needed on the input to reduce voltage overshoot from exceeding the absolute maximum voltage of the
device during heavy transient conditions. This is especially important during bench testing when long,
inductive cables are used to connect the evaluation board to the bench power-supply. Placing a
high-value electrolytic capacitor on the output pin is recommended when large transient currents are
expected on the output.
Setting The Current Limit Threshold
RILIM (K
Ω)
Typical Current Limit (mA)
RILIM (K
Ω)
Typical Current Limit (mA)
200
138
51
520
180
152
43
612
151
179
30
873
100
266
20
1295
82
324
15.1
1705
68
389
Power Dissipation
During normal operation as a switch, the power dissipated in the part will depend upon the level at which
the current limit is set. The maximum allowed setting for the current limit is 1A and this will result in a
power dissipation of,
P = (ILIM)
2 x RDS = (1)2 x 0.10 = 100mW
If the part goes into current limit the maximum power dissipation will occur when the output is shorted to
ground. This is more power than the package can dissipate, but the thermal shutdown of the part will
activate to protect the part from damage due to excessive heating. A short on the output will cause the
part to operate in a constant current state dissipating a worst case power of,
P(max) = VIN(max) x ILIM(max) = 5.5 x 1 = 5W
This large amount of power will activate the thermal shutdown and the part will cycle in and out of thermal
shutdown so long as the ON pin is active and the short is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com