Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE431N Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE431N
Description  High Voltage Adjustable Precision Shunt Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431N Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE431N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ACE431N
High Voltage Adjustable Precision Shunt Regulators
VER 1.5
2
Packaging Type
SOT-23-3/SOT-23-3(A)
SOT-89-3
3
1
2
1
2
3
Ordering information
ACE431N X XX
+ H
Block Diagram
SOT-23-3
SOT-23-3(A)
STO-89-3
Description
2
1
3
Cathode
3
3
2
Anode
1
2
1
Ref
Halogen - free
BM : SOT-23-3
BMA:SOT-23-3(A)
AM : SOT-89-3
Reference Voltage accuracy :
A : 0.5%
B : 1.0%
Pb - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com