Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE431N Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE431N
Description  High Voltage Adjustable Precision Shunt Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431N Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE431N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431N Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ACE431N
High Voltage Adjustable Precision Shunt Regulators
VER 1.5
3
Electrical Characteristics
(TA=25
OC Unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
VREF
VZ=VREF, IZ=10mA
2.482
2.495
2.508
V
VZ=VREF, IZ=1mA
2.482
2.495
2.508
VREF Temp Deviation
VDEV
VZ=VREF, IZ=10mA
TA=-40℃~80℃
10
25
mV
Ratio of change in VREF
to change in cathode
voltage
ΔV
REF
/ΔV
Z
IZ=10mA
ΔV
Z=36V to VREF
-1.4
-2.7
mV/V
Reference Input current
IREF
IZ =10mA,
R1=10KΩ, R2=∞
2
4
μA
IREF Temp Deviation
IREF(DEV)
IZ=10mA, TA=-40℃~80℃
R1=10KΩ, R2=∞
0.8
2.5
μA
Off-state cathode current
IZ(OFF)
VREF=0 VZ=36V
0.1
0.5
μA
Dynamic output
impedance
RZ
IZ=1mA~100mA
VZ=VREF, f≦1KHz
0.25
0.5
Ω
Minimum Operation
Current
IZ(MIN)
VZ=VREF
0.4
0.7
mA
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com