Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE521 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE521
Description  250mA CMOS Low consumption Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE521 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE521 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE521
250mA CMOS Low consumption Linear Regulator
VER 1.4
4
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
16
V
Output Voltage
VOUT
Vout*0.98
Vout*1.02
V
Maximum Output
Current
IOUT(Max.)
VIN-VOUT=1V
250
mA
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=100mA
Vout≦2.5V
600
1,000
mV
Vout≧2.5V
300
600
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
IOUT=10mA
2V≦VIN≦16V
0.2
0.3
%/V
Load Regulation
ΔV
OUT
VIN=Set Vout+1V
1mA≦IOUT≦100mA
20
40
mV
Quiescent Current
Iq
VIN=Set Vout+1V
2.0
5.0
uA
Output Voltage
Temperature
Coefficient
ΔV
OUT /
ΔT•V
OUT
IOUT=10mA
100
ppm/
℃
Block Diagram
Explanation
ACE521 is a series of low dropout voltage and low power consumption three pins regulator. Its
application circuit is very simple, which only needs two outside capacitors. It is composed of these
modules: high accuracy voltage reference, current limit circuit, error amplifier, output driver and power
transistor.
Current Limit module can keep chip and power system away from danger when load current is more
than 250mA.
ACE521 uses trimming technique to assure the accuracy of output value within±2%, at the same time,
temperature compensation is elaborately considered in this chip, which makes ACE521
’s temperature
coefficient within 100ppm/℃。



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com