Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE521 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE521
Description  250mA CMOS Low consumption Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE521 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE521 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE521 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE521
250mA CMOS Low consumption Linear Regulator
VER 1.4
1
Description
ACE521 series is a group of positive voltage output, low power consumption, low dropout voltage, three
terminal regulator. It can provide 200mA output current when input / output voltage differential drops to
420mV( Vout=3.3V), And it also provides foldback short-circuit protection and output current limit function.
The very low power consumption of ACE521(Iq=2.0uA)can greatly improve natural life of batteries.
ACE521 can provide output value in the range of 1.1V~5.0V in 0.1V steps. It also can customized on
command.
ACE521 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE521 has well load transient response and good temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy within±2%.
Features
Low Power Consumption:2.0uA(Typ.)
Maximum Output Current:250mA
Small Dropout Voltage
210mV@100mA (Vout=3.3V)
420mV@200mA (Vout=3.3V)
Input Voltage Range:2V~16V
Output Voltage Range:1.1V~5.0V (customized on command in 0.1V steps)
Highly Accurate:±2%(±1% customized)
Output Current Limit 330mA@Vout=3.3V
Foldback Short‐circuit Current 56mA@Vout=3.3V
Application
Battery Powered equipment
Power Management of MP3. PDA. DSC. Mouse. PS2 Games
Reference Voltage Source Regulation after Switching Power
Typical Application
ACE521
Note: Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF) are recommended in all application circuit. Ceramic capacitor
is recommended.


Similar Part No. - ACE521

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5212A ACE-ACE5212A Datasheet
469Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE5213A ACE-ACE5213A Datasheet
495Kb / 6P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE521

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com