Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE528C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE528C
Description  16V 500mA Low Consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE528C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE528C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE528C
16V 500mA Low Consumption Linear Regulator
VER 1.1
4
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF, Ta=25
°C, Unless Otherwise Specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Input Voltage
3
16
V
VOUT
Output
Voltage
VOUT>1.5
Vin-Vout=1.2V
1mA≤Iout≤30mA
VOUT
X0.98
VOUT
VOUT
X1.02
V
VOUT<=1.5
VOUT
-0.03
VOUT
+0.03
IOUT (Max.)
Maximum Output
Current
Vin-Vout=1.2V
500
mA
Dropout
Voltage
Input-Output Voltage
Differential
Iout=300mA, Vout = 3.3V
600
mV
△Vout
△Vin*Vout LineRegulation Iout=10mA,4V≤Vin≤16V
0.2
0.3
%/V
△Vout LoadRegulation Vin=SetVout+1V
1mA≤Iout≤100mA
20
40
mV
Iq
Quiescent Current
Vin=Set Vout+1V
10
20
uA
△Vout
△T*Vout OutputVoltage
Temperature Coefficient
IOUT=10mA
±100
ppm/
°C
Thermal Shutdown
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com