Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE528C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE528C
Description  16V 500mA Low Consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE528C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE528C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE528C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE528C
16V 500mA Low Consumption Linear Regulator
VER 1.1
1
Description
ACE528C series is a group of positive voltage output, low power consumption, low dropout voltage
regulator. It can provide 300mA output current when input / output voltage differential drops to 600mV
(Vout= 3.3V), and it also provides foldback short-circuit protection, thermal protection and output current
limit function. The very low power consumption of ACE528C (Iq=10uA) can greatly improve natural life of
batteries.
ACE528C can provide output value in the range of 1.2V~5.0V in 0.1V steps. It also can customize on
command.
ACE528C includes high accuracy voltage reference, error amplifier, and current limit circuit and output
driver module.
ACE528C has well load transient response and good temperature characteristic, and it uses trimming
technique to guarantee output voltage accuracy within±2%.
Features
Low Power Consumption: 10uA(Typ.)
Maximum Output Current: 500mA
Small Dropout Voltage
600mV@300mA (Vout=3.3V)
1.2V@500mA (Vout=3.3V)
Input Voltage Range: 3V~16V
Output Voltage Range: 1.2V~5.0V (customized on command in 0.1V steps)
Highly Accurate:±2%(±1% customized)
Output Current Limit: 650mA
Application
Battery Powered equipment
Power Management of MP3、PDA、DSC、 Mouse、PS2 Games
Reference Voltage Source Regulation after Switching Power
Absolute Maximum Ratings
Parameter
Max
Max Input Voltage
16V
Operating Junction Temperature(Tj)
125
°C
Ambient Temperature(Ta)
-40
°C -85°C
Power Dissipation (P
D@Ta=25°C)
SOT-23-5
400mW
Storage Temperature(Ts)
-40
°C -150°C
Lead Temperature & Time
260
°C,10S


Similar Part No. - ACE528C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
ACE520BDGM+H ACE-ACE520BDGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520BEGM+H ACE-ACE520BEGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
More results

Similar Description - ACE528C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8075 BELLING-BL8075 Datasheet
856Kb / 6P
16V 500mA Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com