Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8010 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM8010
Description  3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8010 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM8010 Datasheet HTML 7Page - Diodes Incorporated PAM8010 Datasheet HTML 8Page - Diodes Incorporated PAM8010 Datasheet HTML 9Page - Diodes Incorporated PAM8010 Datasheet HTML 10Page - Diodes Incorporated PAM8010 Datasheet HTML 11Page - Diodes Incorporated PAM8010 Datasheet HTML 12Page - Diodes Incorporated PAM8010 Datasheet HTML 13Page - Diodes Incorporated PAM8010 Datasheet HTML 14Page - Diodes Incorporated PAM8010 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PAM8010
Document number: DSxxxxx Rev. 1 - 0
11 of 17
www.diodes.com
November 2012
© Diodes Incorporated
PAM8010
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Table 1. DC Volume Control
STEP
Gain (dB)
Class D
Gain (dB)
Earphone
STEP
Gain (dB)
Class D
Gain (dB)
Earphone
1
-43.1
-68.5
33
11.9
-9.6
2
-37.2
-57.4
34
12.2
-9.0
3
-34.3
-49.7
35
12.7
-8.5
4
-27.7
-39.8
36
13.0
-7.9
5
-22.1
-37.4
37
13.4
-7.3
6
-16.3
-35.2
38
13.8
-6.7
7
-10.3
-33.1
39
14.2
-6.2
8
-7.8
-30.8
40
14.6
-5.7
9
-5.2
-28.7
41
15.0
-5.2
10
-2.7
-27.7
42
15.4
-4.7
11
0.2
-26.6
43
15.5
-4.2
12
1.3
-25.5
44
15.8
-3.7
13
2.8
-24.3
45
16.2
-3.2
14
3.8
-23.2
46
16.6
-2.7
15
4.2
-22.4
47
17.0
-2.3
16
4.6
-21.6
48
17.4
-1.9
17
5.4
-20.8
49
17.8
-1.5
18
5.8
-20.0
50
18.2
-1.1
19
6.2
-19.2
51
18.6
-0.7
20
6.6
-18.4
52
19.0
-0.32
21
7.0
-17.6
53
19.4
0.09
22
7.4
-16.7
54
19.8
0.4
23
7.8
-16.1
55
20.2
0.7
24
8.2
-15.4
56
20.6
0.97
25
8.6
-14.7
57
21.0
1.3
26
9.0
-14.1
58
21.4
1.6
27
9.4
-13.4
59
21.9
1.9
28
9.8
-12.7
60
22.2
2.2
29
10.3
-12.1
61
22.6
2.35
30
10.5
-11.4
62
23.1
2.6
31
11.0
-10.8
63
23.5
2.8
32
11.5
-10.2
64
23.9
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com