Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8010 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # PAM8010
Description  3W STEREO CLASS-D DC VOLUME, HEADPHONE and POWER LIMIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8010 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button PAM8010 Datasheet HTML 9Page - Diodes Incorporated PAM8010 Datasheet HTML 10Page - Diodes Incorporated PAM8010 Datasheet HTML 11Page - Diodes Incorporated PAM8010 Datasheet HTML 12Page - Diodes Incorporated PAM8010 Datasheet HTML 13Page - Diodes Incorporated PAM8010 Datasheet HTML 14Page - Diodes Incorporated PAM8010 Datasheet HTML 15Page - Diodes Incorporated PAM8010 Datasheet HTML 16Page - Diodes Incorporated PAM8010 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PAM8010
Document number: DSxxxxx Rev. 1 - 0
14 of 17
www.diodes.com
November 2012
© Diodes Incorporated
PAM8010
A Product Line of
Diodes Incorporated
Application Information (cont.)
PCB Layout Guidelines Grounding
At this stage it is paramount to notice the necessity of separate grounds. Noise currents in the output power stage need to be returned to output
noise ground and nowhere else. Were these currents to circulate elsewhere, they may get into the power supply, the signal ground, etc, worse
yet, they may form a loop and radiate noise. Any of these cases results in degraded amplifier performance. The logical returns for the output
noise currents associated with Class-D switching are the respective PGND pins for each channel. The switch state diagram illustrates that
PGND is instrumental in nearly every switch state. This is the perfect point to which the output noise ground trace should return. Also note that
output noise ground is channel specific. A two channel amplifier has two seperate channels and consequently must have two seperate output
noise ground traces. The layout of the PAM8010 offers separate PGND connections for each channel and in some cases each side of the
bridge. Output noise grounds must be tied to system ground at the power in exclusively. Signal currents for the inputs, reference, etc need to be
returned to quite ground. This ground is only tied to the signal components and the GND pin, and GND then tied to system ground.
Ordering Information
Part Number
Package Type
Standard Package
PAM8010NHR
SSOP-24
2500 Units/Tape&Reel
PAM8010DHR
SOP-24
1000 Units/Tape&Reel
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com