Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8016 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8016
Description  HAPTIC DRIVER FOR ERM AND LRA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8016 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8016 Datasheet HTML 1Page - Diodes Incorporated PAM8016 Datasheet HTML 2Page - Diodes Incorporated PAM8016 Datasheet HTML 3Page - Diodes Incorporated PAM8016 Datasheet HTML 4Page - Diodes Incorporated PAM8016 Datasheet HTML 5Page - Diodes Incorporated PAM8016 Datasheet HTML 6Page - Diodes Incorporated PAM8016 Datasheet HTML 7Page - Diodes Incorporated PAM8016 Datasheet HTML 8Page - Diodes Incorporated PAM8016 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PAM8016
Document number: DS40362 Rev. 2.0
2 of 10
www.diodes.com
June 2018
© Diodes Incorporated
PAM8016
Pin Descriptions
Pin Number
U-FLGA1515-9
Function
A1
IN+
Positive Differential Input
A2
GND
Ground
A3
OUT-
Negative Output
B1
VDD
Power Supply
B2
PVDD
Power Supply
B3
GND
Ground
C1
IN-
Negative Differential Input
C2
SD
SD Terminal to Disable the Chip
C3
OUT+
Positive Output
Functional Block Diagram
SD
+
-
PWM
Modulator
SD
UVLO
Startup
Protec tion
OSC
Bias and
Vref
Gate
Driv e
Gate
Driv e
SC
Protec t
OTP
IN+
IN-
PVDD
OUT+
OUT-
GND
VDD
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VDD)
6.0
V
Input Voltage(IN+, IN-, SD)
-0.3 to VDD + 0.3
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
2.8
5.5
V
TA
Operating Ambient Temperature Range
-25
+85
°C
TJ
Junction Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com