Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8016 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8016
Description  HAPTIC DRIVER FOR ERM AND LRA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8016 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8016 Datasheet HTML 1Page - Diodes Incorporated PAM8016 Datasheet HTML 2Page - Diodes Incorporated PAM8016 Datasheet HTML 3Page - Diodes Incorporated PAM8016 Datasheet HTML 4Page - Diodes Incorporated PAM8016 Datasheet HTML 5Page - Diodes Incorporated PAM8016 Datasheet HTML 6Page - Diodes Incorporated PAM8016 Datasheet HTML 7Page - Diodes Incorporated PAM8016 Datasheet HTML 8Page - Diodes Incorporated PAM8016 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PAM8016
Document number: DS40362 Rev. 2.0
3 of 10
www.diodes.com
June 2018
© Diodes Incorporated
PAM8016
Electrical Characteristics (@TA=25°C, VDD=5V, Gain=18dB, RL=L(33μH)+R+L(33μH), unless otherwise noted.)
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
VDD
Supply Voltage
—
2.8
—
5.5
V
Po
Output Power
THD + N = 10%, f = 1kHz,
R =
4Ω
VDD = 5.0V
—
3.0
—
W
VDD = 3.6V
—
1.5
—
VDD = 3.2V
—
1.2
—
THD + N = 1%, f = 1kHz, R =
4Ω
VDD = 5.0V
—
2.4
—
W
VDD = 3.6V
—
1.25
—
VDD = 3.2V
—
1.0
—
THD + N = 10%, f = 1kHz, R =
8Ω
VDD = 5.0V
—
1.75
—
W
VDD = 3.6V
—
0.90
—
VDD = 3.2V
—
0.70
—
THD + N = 1%, f = 1kHz, R =
8Ω
VDD = 5.0V
—
1.40
—
W
VDD = 3.6V
—
0.72
—
VDD = 3.2V
—
0.60
—
THD+N
Total Harmonic
Distortion Plus
Noise
VDD = 5.0V, Po = 1W, R =
8Ω
f = 1kHz
—
0.17
—
%
VDD = 3.6V, Po = 0.1W, R =
8Ω
—
0.16
—
VDD = 3.2V, Po = 0.1W, R =
8Ω
—
0.14
—
VDD = 5.0V, Po = 0.5W, R =
4Ω
f =1kHz
—
0.14
—
%
VDD = 3.6V, Po = 0.2W, R =
4Ω
—
0.16
—
VDD = 3.2V, Po = 0.1W, R =
4Ω
—
0.17
—
PSRR
Power Supply Ripple
Rejection
VDD = 3.6V, Inputs
AC-Grounded with C =
1μF
f = 217Hz
—
-68
—
dB
f = 1kHz
—
-70
—
f = 10kHz
—
-67
—
Dyn
Dynamic Range
VDD = 5V,THD = 1%, R =
8Ω
f = 1kHz
—
95
—
dB
Vn
Output Noise
Inputs AC-Grounded
No A-Weighting
—
170
—
μV
A-Weighting
—
130
—
η
Efficiency
RL =
8Ω, THD = 10%
f = 1kHz
—
93
—
%
RL =
4Ω, THD = 10%
—
86
—
IQ
Quiescent Current
VDD = 5V
No Load
—
5
—
mA
Isd
Shutdown Current
VDD = 2.8V to 5V
SD = 0V
—
—
1
μA
Rdson
Static Drain-to Source
On-State Resistor
High-Side PMOS,I = 500mA
VDD = 5.0V
—
325
—
mΩ
Low-Side NMOS,I = 500mA
VDD = 5.0V
—
200
—
mΩ
fsw
Output Switching
Frequency
VDD = 2.8V to 5V
—
—
400
—
kHz
Ton
Startup Time
—
—
—
4
—
ms
Gv
Closed-Loop Gain
VDD=2.8V to 5V
—
—
300K/Rin
—
V/V
RIN
Input Impedance
VDD=2.8V to 5V
—
—
28.5
—
KΩ
Vout
Differential Output
Voltage
THD + N = 10%,f = 1kHz,
R =
8Ω
VDD = 3.6V
—
2.68
—
Vrms
Vos
Output Offset Voltage
Input AC-Ground, VDD = 5V
—
—
—
20
mV
VIH
SD Input High Voltage
VDD = 5V
—
1.4
—
—
V
VIL
SD Input Low Voltage
VDD = 5V
—
—
—
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com