Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8019 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated PAM8019 Datasheet HTML 10Page - Diodes Incorporated PAM8019 Datasheet HTML 11Page - Diodes Incorporated PAM8019 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
11 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN4040-20
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-QFN4040-20
Dimensions
Value
(in mm)
C
0.500
X
0.350
X1
0.600
X2
2.500
X3
4.300
Y
0.600
Y1
0.350
Y2
2.500
Y3
4.300
1
Y3
X3
Y1
X1
Y2
X2
X
C
Y
U-QFN4040-20
Dim
Min
Max
Typ
A
0.55
0.65
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.20
0.30
0.25
D
3.95
4.05
4.00
D2
2.40
2.60
2.50
E
3.95
4.05
4.00
E2
2.40
2.60
2.50
e
0.50 BSC
L
0.35
0.45
0.40
Z
-
-
0.875
All Dimensions in mm
D
D2
E
b
L
E2
A
A1
A3
(Pin #1 ID)
Seating Plane
Z (8x)
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com