Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8019 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8019 Datasheet HTML 1Page - Diodes Incorporated PAM8019 Datasheet HTML 2Page - Diodes Incorporated PAM8019 Datasheet HTML 3Page - Diodes Incorporated PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
2 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Typical Applications Circuit
Gate
Driver
Gate
Driver
OSC.
Shut Down
Bias and
Vref
LIN
RIN
GND
VDD
LOUTP
LOUTN
-
+
Volume
Control
PWM Modulator
Gate
Driver
Gate
Driver
VDD
ROUTP
ROUTN
Volume
Control
PWM Modulator
Short Crt.
Protect
UVLO
Over Temp.
Protection
Mute
Bypass
Volume
Control
-
+
Controller
HP/Spk
Controller
HPLOUT HPROUT
SD
Mute
PL
Bypass
Volume
Speaker 4 Ω
Speaker 4 Ω
CS3
0.1mF
CS2
0.1mF
CS1
0.1mF
VDD
C3
220mF
R4
100kΩ
R5
VDD
Ci2
1mF
Right Channel
Input Signal
Ci1
1mF
Left Channel
Input Signal
C1 1mF
CB
2.2mF
R6
50kΩ
R7
R8
VDD
C2
220mF
R3
R2
R1
VDD
7
3
9
11
4
8
5
10
14
2
12
6, 18
1
19
20
15
17
16
VDD
13
CS4
0.1mF
Power
Limit
HP/SPK
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com