Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8100
Description  3-VRMS Line Driver with Adjustable Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8100 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8100 Datasheet HTML 1Page - Diodes Incorporated PAM8100 Datasheet HTML 2Page - Diodes Incorporated PAM8100 Datasheet HTML 3Page - Diodes Incorporated PAM8100 Datasheet HTML 4Page - Diodes Incorporated PAM8100 Datasheet HTML 5Page - Diodes Incorporated PAM8100 Datasheet HTML 6Page - Diodes Incorporated PAM8100 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAM8100
Document number: DS36986 Rev. 1 - 2
2 of 7
www.diodes.com
December 2015
© Diodes Incorporated
PAM8100
Pin Descriptions
Pin Number
Name
I/O
Description
1
+INR
I
Right-channel OPAMP positive input
2
-INR
I
Right-channel OPAMP negative input
3
OUTR
O
Right-channel OPAMP output
4
SGND
P
Signal ground
5
MUTE
I
Mute, active-high
6
PVSS
P
Supply voltage
7
CN
I/O
Charge-pump flying capacitor negative terminal
8
CP
I/O
Charge-pump flying capacitor positive terminal
9
PVDD
P
Positive supply
10
PGND
P
Power ground
11
UVP
I
Under voltage protection input
12
OUTL
O
Left-channel OPAMP output
13
-INL
I
Left-channel OPAMP negative input
14
+INL
I
Left-channel OPAMP positive input
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Description
VALUE
UNIT
VDD
Supply Voltage
–0.3 to 6.0
V
V
I
Input Pins
GND-0.3 to VDD + 0.3
V
T
A
Operating Free-Air Temperature Range
–40 to +85
°C
T
J
Operating Junction Temperature Range
–40 to +150
°C
T
STG
Storage Temperature Range
–65 to +150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Nom
Max
Unit
VIN
Supply Voltage
-
2.5
-
5
V
RL
Load Impedance
-
0.6
10
-
k
Ω
VIH
High-Level Input Voltage
MUTE
1.2
-
VIN
V
VIL
Low-Level Input Voltage
MUTE
-0.3
-
0.4
V
TA
Operating Free-Air Temperature
-40
25
+85
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
θJA
TSSOP-14
35
°C/W
Thermal Resistance (Junction to Case)
θJC
TSSOP-14
14
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com