Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8100 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8100
Description  3-VRMS Line Driver with Adjustable Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8100 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8100 Datasheet HTML 1Page - Diodes Incorporated PAM8100 Datasheet HTML 2Page - Diodes Incorporated PAM8100 Datasheet HTML 3Page - Diodes Incorporated PAM8100 Datasheet HTML 4Page - Diodes Incorporated PAM8100 Datasheet HTML 5Page - Diodes Incorporated PAM8100 Datasheet HTML 6Page - Diodes Incorporated PAM8100 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAM8100
Document number: DS36986 Rev. 1 - 2
3 of 7
www.diodes.com
December 2015
© Diodes Incorporated
PAM8100
Electrical Characteristics (@VDD=3.3V, TA=+25°C, RL=10kΩ, C(PUMP)=C(PVSS) =1μF , CIN=2.2μF, RIN=15kΩ, Rfb=30kΩ,
Unless otherwise specified.)
PARAMETER
Symbol
Conditions
Min
Typ
Max
Units
Output Offset Voltage
VOS
No load
-
-
3
mV
Power-Supply Rejection Ratio
PSRR
Input AC-GND,
f=1kHz,Vpp=200mV
-
70
-
dB
High-Level Output Voltage
VOH
VDD=3.3V
3.1
-
-
V
Low-Level Output Voltage
VOL
VDD=3.3V
-
-
-3.05
V
MUTE High
VIH
VDD=3.3V
1.5
-
-
V
MUTE Low
VIL
VDD=3.3V
-
-
0.4
V
Supply Current
IDD
No load, MUTE=VDD
-
10
-
mA
No load, MUTE=GND
-
10
-
mA
Output Voltage (outputs in
phase)
Vo
THD=1%, VDD=3.3V, f=1kHz
2.0
2.4
-
Vrms
Total Harmonic Distortion Plus
Noise
THD+N
VO=2Vrms, f=1kHz
-
0.0015
-
%
Crosstalk
CS
VO=1Vrms, f=1kHz
-
-110
-
dB
Maximum Capacitive Load
MCL
-
-
470
-
pF
Noise Output Voltage
VN
Input AC-GND, A-weighted
-
13
-
uVrms
Signal-to-Noise Ratio
SNR
VO=2Vrms, A-weighted
-
104
-
dB
External UnderVoltage Detection
VUVP
-
-
1.25
-
V
External Under-Voltage
Detection Hysteresis Current
IHYSI
-
-
5
-
µA
Charge Pump Frequency
fCP
-
200
300
400
kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com