Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303C Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PAM8303C
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303C Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PAM8303C Datasheet HTML 8Page - Diodes Incorporated PAM8303C Datasheet HTML 9Page - Diodes Incorporated PAM8303C Datasheet HTML 10Page - Diodes Incorporated PAM8303C Datasheet HTML 11Page - Diodes Incorporated PAM8303C Datasheet HTML 12Page - Diodes Incorporated PAM8303C Datasheet HTML 13Page - Diodes Incorporated PAM8303C Datasheet HTML 14Page - Diodes Incorporated PAM8303C Datasheet HTML 15Page - Diodes Incorporated PAM8303C Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PAM8303C
Document number: DS36438 Rev.2 - 2
13 of 16
www.diodes.com
May 2018
© Diodes Incorporated
PAM8303C
Ordering Information
PAM8303C X X X
Pin Configuration
C: 8
N: 9
Number of Pins
A
B
C
(Refer to P2, 3
Pin Configuration
Z: WCSP
Y: DFN3x3-8
S: MSOP-8
Package Type
Part Number
Package
(Note 8)
Part Marking
Tape and Reel Quantity
Status
(Note 7)
PAM8303CBYC
DFN3030-8
P8303C
XXXYW
3000
In production
PAM8303CBSC
MSOP-8
P8303C
XXXYW
2500
In production
Notes:
7. PAM8303CAZN (in package WCSP) is End of Life without any alternatives. PAM8303CCYC is End of Life, and the recommended alternative is
PAM8303CBYC.
8. For packaging details, see https://www.diodes.com/design/support/packaging/diodes-packaging/diodes-package-outlines-and-pad-layouts/
Marking Information
9 Ball WCSP (A) (EOL)
Top View
Y: DFN3030-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com