Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8303C Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8303C
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303C Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8303C Datasheet HTML 1Page - Diodes Incorporated PAM8303C Datasheet HTML 2Page - Diodes Incorporated PAM8303C Datasheet HTML 3Page - Diodes Incorporated PAM8303C Datasheet HTML 4Page - Diodes Incorporated PAM8303C Datasheet HTML 5Page - Diodes Incorporated PAM8303C Datasheet HTML 6Page - Diodes Incorporated PAM8303C Datasheet HTML 7Page - Diodes Incorporated PAM8303C Datasheet HTML 8Page - Diodes Incorporated PAM8303C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PAM8303C
Document number: DS36438 Rev.2 - 2
3 of 16
www.diodes.com
May 2018
© Diodes Incorporated
PAM8303C
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
The following parameters are stress ratings only, and functional operation is not implied. Exposure to absolute maximum ratings for prolonged
time periods can affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
Input Voltage
-0.3 to VDD +0.3
Maximum Junction Temperature
150
°C
Storage Temperature
-65 to +150
Soldering Temperature
+250, 10 sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.8 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
°C
Thermal Information (Note 4)
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
MSOP-8
ϴJA
180
°C/W
DFN3030-8
47.9
Thermal Resistance (Junction to Case)
MSOP-8
ϴJC
75
Note:
4. For the 9-pin CSP package, the thermal resistance is highly dependent on the PCB heat sink area. For example, the
ϴja can equal to 195°C/W with
50mm
2 total area or 135°C/W with 500mm2 area. When using ground and power planes, the value is approximately 90°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com