Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8404 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM8404
Description  3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8404 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM8404 Datasheet HTML 8Page - Diodes Incorporated PAM8404 Datasheet HTML 9Page - Diodes Incorporated PAM8404 Datasheet HTML 10Page - Diodes Incorporated PAM8404 Datasheet HTML 11Page - Diodes Incorporated PAM8404 Datasheet HTML 12Page - Diodes Incorporated PAM8404 Datasheet HTML 13Page - Diodes Incorporated PAM8404 Datasheet HTML 14Page - Diodes Incorporated PAM8404 Datasheet HTML 15Page - Diodes Incorporated PAM8404 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
PAM8404
Document number: DSxxxxx Rev. 1 - 1
12 of 18
www.diodes.com
November 2012
© Diodes Incorporated
PAM8404
A Product Line of
Diodes Incorporated
Application Information
Test Setup for Performance Testing
Notes:
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for efficiency measurement.
Gain Settin
The gain of PAM8404 can be selected as 6,12,18 or 24 dB utilizing the G0 and G1 gain setting pins. The gains showed in the following table are
realized by changing the input resistors inside the amplifier. The input impedance changes with the gain setting.
Table 1. Gain Setting
G1
G0
Gain
(V/V)
Gain
(dB)
Input
Impedance
(kΩ)
0
0
2
6
28.1
0
1
4
12
17.3
1
0
8
18
9.8
1
1
16
24
5.2
For optimal performance the gain should be set to 2x (RI = 150kΩ). Lower gain allows the PAM8404 to operate at its best, and keeps a high
voltage at the input making the inputs less susceptible to noise. In addition to these features, lower value of Gain minimizes pop noise.
Input Capacitors (CI)
In the typical application, an input capacitor, CI, is required to allow the amplifier to bias the input signal to the proper DC level for optimum
operation. In this case, CI and the input impedance RI form a high-pass filter with the corner frequency determined by the follow equation:
C
R
2
1
f
I
I
C
It is important to consider the value of CI as it directly affects the low frequency performance of the circuit. When Ri i s 28.1kΩ and the
specification calls for a flat bass response are down to 200Hz, the equation is reconfigured as follows:
f
R
2
1
C
C
I
I
When input resistance variation is considered, the CI is 28nF, so one would likely choose a value of 33nF. A further consideration for this
capacitor is the leakage path from the input source through the input network (CI, RI + RF) to the load. This leakage current creates a DC offset
voltage at the input to the amplifier that reduces useful headroom, especially in high gain applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com