Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8404 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8404
Description  3W/CH FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8404 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8404 Datasheet HTML 1Page - Diodes Incorporated PAM8404 Datasheet HTML 2Page - Diodes Incorporated PAM8404 Datasheet HTML 3Page - Diodes Incorporated PAM8404 Datasheet HTML 4Page - Diodes Incorporated PAM8404 Datasheet HTML 5Page - Diodes Incorporated PAM8404 Datasheet HTML 6Page - Diodes Incorporated PAM8404 Datasheet HTML 7Page - Diodes Incorporated PAM8404 Datasheet HTML 8Page - Diodes Incorporated PAM8404 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PAM8404
Document number: DSxxxxx Rev. 1 - 1
2 of 18
www.diodes.com
November 2012
© Diodes Incorporated
PAM8404
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin
Name
Pin Number
Function
QFN4x4
WCSP2x2
G1
1
B2
Gain Select (MSB)
OUTL+
2
A3
Left Channel Positive Differential Output
PVDD
313
A2
Power Supply (Must be Same Voltage as AVDD)
PGND
412
C4
Power Ground
OUTL-
5
A4
Left Channel Negative Differential Output
NC
610
—
Not Connected
SDL
7
B4
Left Channel Shutdown Terminal (active low)
SDR
8
B3
Right Channel Shutdown Terminal (active low)
AVDD
9
D2
Analog Supply (Must be Same Voltage as PVDD)
OUTR-
11
D4
Right Channel Negative Differential Output
OUTR+
14
D3
Right Channel Positive Differential Output
G0
15
C2
Gain Select (LSB)
INR+
16
D1
Right Channel Positive Input
INR-
17
C1
Right Channel Negative Input
AGND
18
C3
Analog Ground
INL-
19
B1
Left Channel Negative Input
INL+
20
A1
Left Channel Positive Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com