Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8550SQLT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L8550SQLT1G
Description  General Purpose Transistors PNP Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L8550SQLT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  L8550SQLT1G Datasheet HTML 1Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 2Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 3Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 4Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L8550SQLT1G/S-L8550SQLT1G
General Purpose Transistors PNP Silicon
6.ELECTRICAL CHARACTERISTICS CURVES
0.0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
IC,Collector Current (A)
150
℃
25
℃
-55
℃
IC/IB=10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
IC,Collector Current (A)
150
℃
25
℃
-55
℃
IC/IB=10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
IC,Collector Current (A)
VCE=1V
150
℃
25
℃
-55
℃
0
50
100
150
200
250
300
350
400
450
500
0.001
0.01
0.1
1
10
IC,Collector Current (A)
150
℃
25
℃
-55
℃
VCE=1V
HFE vs. IC
VBEon vs. IC
VBEsat vs. IC
VCEsat vs. IC
Leshan Radio Company, LTD.
Rev.O Oct 2016
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com