Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8550SQLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L8550SQLT1G
Description  General Purpose Transistors PNP Silicon
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L8550SQLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L8550SQLT1G Datasheet HTML 1Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 2Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 3Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 4Page - Leshan Radio Company L8550SQLT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
2. DEVICE MARKING AND ORDERING INFORMATION
3. MAXIMUM RATINGS(Ta = 25ºC)
Collector current-continuoun
4. THERMAL CHARACTERISTICS
Total Device Dissipation,
FR−5 Board (Note 1) @ TA = 25ºC
Derate above 25ºC
Thermal Resistance, Junction–to–Ambient
Total Device Dissipation,
Alumina Substrate, (Note 2)@ TA = 25ºC
Derate above 25ºC
Thermal Resistance, Junction–to–Ambient
Junction and Storage temperature
1. FR–5 = 1.0×0.75×0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
RΘJA
417
℃/W
PD
225
mW
TJ,Tstg
−55
∼+150
℃
556
mW/℃
1.8
RΘJA
℃/W
2.4
L8550SQLT1G
S-L8550SQLT1G
General Purpose Transistors PNP Silicon
Device
Marking
Shipping
Parameter
Symbol
Limits
Unit
Collector-Emitter Voltage
VCEO
-25
V
L8550SQLT1G
5SQ
3000/Tape&Reel
mW/℃
V
Collector-Base voltage
VCBO
-40
mA
PD
300
mW
Emitter-Base Voltage
VEBO
-12
Parameter
Symbol
Limits
Unit
V
IC
-800
SOT23
Leshan Radio Company, LTD.
Rev.O Oct 2016
1/5


Similar Part No. - L8550SQLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L8550SLT1G LRC-L8550SLT1G Datasheet
206Kb / 4P
General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L8550SLT1G LEIDITECH-L8550SLT1G Datasheet
682Kb / 4P
General Purpose Transistors PNP Silicon
logo
Leshan Radio Company
L8550SLT3G LRC-L8550SLT3G Datasheet
206Kb / 4P
General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L8550SLT3G LEIDITECH-L8550SLT3G Datasheet
682Kb / 4P
General Purpose Transistors PNP Silicon
More results

Similar Description - L8550SQLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1774QT1G LRC-L2SA1774QT1G_11 Datasheet
241Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1G LRC-LBC807-16LT1G_11 Datasheet
190Kb / 10P
General Purpose Transistors PNP Silicon
LBC807-16WT1G LRC-LBC807-16WT1G Datasheet
69Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC807-25-TP MCC-BC807-25-TP Datasheet
286Kb / 3P
PNP Silicon General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com