Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B40G-R24-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L16B40G-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B40G-R24-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L16B40G-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L16B40
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R125-066.a
ELECTRICAL CHARACTERISTICS (VDD=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.0
3.3
3.6
V
Sustaining Voltage At OUT Ports
VOUT
OUT15 ~ 0
20
V
Output Leakage Current
ILEAK
VOUT=20V
1
μA
“H” level
VIH
0.7×VDD
VDD
Input Voltage
“L” level
V-IL
Logic Level
0
0.3×VDD
V
VOH
IOH=−0.66mA
VDD-0.2
DAO Voltage
VOL
IOL=1.0mA
0.2
V
Output Current
Accuracy
ICs
IOSC
VOUT=1.0V, REXT=2045Ω
±3.0
%
Output Voltage
Regulation
%/∆VOUT REXT=2045Ω, VOUT=1V~2V
±0.1
Output Current Vs.
Supply Voltage
Regulation
%/∆VDD REXT=2045Ω, VDD=3.0V~3.6V
±1
%/V
IDD_OFF1 REXT open, OUT15 ~ 0 off
2.1
3.1
IDD_OFF2 REXT=2045Ω, OUT15 ~ 0 off
6.2
Supply Current
IDD_ON
REXT=2045Ω, OUT15 ~ 0 on
7.1
mA
SWITCHING CHARACTERISTICS (VDD=5.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCK to DAO
tpLH
33
LAT to OUT15~0
tpLH1
53
Delay Response Time
(Low to High)
ENB to OUT15~0
tpLH2
52
DCK to DAO
tpHL
23
LAT to OUT15~0
tpHL1
54
Delay Response Time
(High to Low)
ENB to OUT15~0
tpHL2
53
Output Rise Time Of OUT Ports
tor
45
Output Fall Time Of OUT Ports
tof
REXT=872Ω, VIH=VDD,
VIL=0, VLED=5.0V,
RL=47Ω, CL=12pF
44
ns
SWITCHING CHARACTERISTICS (VDD=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCK to DAO
tpLH
34
LAT to OUT15~0
tpLH1
55
Delay Response Time
( Low to High)
ENB to OUT15~0
tpLH2
54
DCK to DAO
tpHL
26
LAT to OUT15~0
tpHL1
56
Delay Response Time
(High to Low)
ENB to OUT15~0
tpHL2
55
Output Rise Time Of OUT Ports
tor
47
Output Fall Time Of OUT Ports
tof
REXT=872Ω, VIH=VDD,
VIL=0, VLED=5.0V,
RL=47Ω, CL=12pF
46
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com