Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B40G-R24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L16B40G-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B40G-R24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L16B40G-R24-R Datasheet HTML 1Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 2Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 3Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 4Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B40G-R24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L16B40
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R125-066.a
16-BIT CONSTANT CURRENT
LED DRIVER WITH BUILT-IN
TO ELIMINATE THE
GHOSTING
DESCRIPTION
UTC L16B40 is a new 16-bit constant current LED driver IC
with 20V output rating. Output currents with high accuracy and
consistency can be preset through an external resistor. The output
current ranges from 2mA to 40mA.
Moreover, the fast current response time and built-in to
eliminate the ghosting make UTC L16B40 performing better in
output current and display image.
FEATURES
* Built-in to eliminate the ghosting
* Supply voltage range: 3.3V ~ 5.5V
* Constant output current range: 2 ~ 40mA
* Output voltage: 20V (Max.)
* Operating temperature range: -40°C ~ 85°C
* Output current accuracy:
ICs: ±3.0% (Typ.)
SSOP-24
ORDERING INFORMATION
Ordering Number
Package
Packing
L16B40G-R24-R
SSOP-24
Tape Reel
MARKING
PIN CONFIGURATION


Similar Part No. - L16B40G-R24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B45 UTC-L16B45 Datasheet
274Kb / 11P
CMOS IC
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
Schmitt trigger input
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45BG-R24-R UTC-L16B45BG-R24-R Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
L16B45BL-R24-R UTC-L16B45BL-R24-R Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Similar Description - L16B40G-R24-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
16-bit constant current LED driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com