Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS113 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS113
Description  Dual JK Edge-Triggered Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS113 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54LS113 Datasheet HTML 1Page - National Semiconductor (TI) 54LS113 Datasheet HTML 2Page - National Semiconductor (TI) 54LS113 Datasheet HTML 3Page - National Semiconductor (TI) 54LS113 Datasheet HTML 4Page - National Semiconductor (TI) 54LS113 Datasheet HTML 5Page - National Semiconductor (TI) 54LS113 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
54LS
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual operation
Recommended Operating Conditions
Symbol
Parameter
54LS113
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
07
V
IOH
High Level Output Current
b
04
mA
IOL
Low Level Output Current
4
mA
TA
Free Air Operating Temperature
b
55
125
C
ts (H)
Setup Time
20
ns
ts (L)
Jn or Kn to CPn
20
th (H)
Hold Time
0
ns
th (L)
Jn or Kn to CPn
0
tw (H)
CPn Pulse Width
20
ns
tw (L)
15
tw (L)
SDn Pulse Width LOW
15
ns
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level
VCC e Min IOH e Max
25
V
Output Voltage
VIL e Max VIH e Min
VOL
Low Level
VCC e Min IOL e Max
04
V
Output Voltage
VIH e Min VIL e Max
II
Input Current
VCC e Max VI e 55V
J K
01
Max Input
SD
03
mA
Voltage
CP
04
IIH
High Level
VCC e Max VI e 27V
J K
20
Input Current
SD
60
m
A
CP
80
IIL
Low Level
VCC e Max VI e 05V
J K
b
30
b
400
m
A
Input Current
CP SD
b
60
b
800
IOS
Short Circuit
VCC e Max
b
20
b
100
mA
Output Current
(Note 2)
ICC
Supply Current
VCC e Max (Note 3)
8
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open and all inputs grounded
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com