Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS113 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS113
Description  Dual JK Edge-Triggered Flip-Flop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS113 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54LS113 Datasheet HTML 1Page - National Semiconductor (TI) 54LS113 Datasheet HTML 2Page - National Semiconductor (TI) 54LS113 Datasheet HTML 3Page - National Semiconductor (TI) 54LS113 Datasheet HTML 4Page - National Semiconductor (TI) 54LS113 Datasheet HTML 5Page - National Semiconductor (TI) 54LS113 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC ea50V TA ea25 C (See Section 1 for test waveforms and output load)
54LS113
Symbol
Parameter
CL e 15 pF
Units
Min
Max
fmax
Maximum Clock Frequency
30
MHz
tPLH
Propagation Delay
16
ns
tPHL
CPn to Qn or Qn
24
tPLH
Propagation Delay
16
ns
tPHL
SDn to Qn or Qn
24
Logic Diagram (one half shown)
TLF10205 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com