Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL66CG-03-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL66CG-03-AA3-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL66CG-03-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL66CG-03-AA3-R Datasheet HTML 1Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 2Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 3Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 4Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UL66C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R125-065.F
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
SOT-89
TO-252
HSOP-8
03: 0 . 3V
06: 0 . 6V
PIN DESCRIPTION
PIN NO.
SOT-223
SOT-89
TO-252
HSOP-8
PIN NAME
DESCRIPTION
1
3
OUT
Current Output Pin.
2
6
GND
Ground.
3
5
REXT
Output Current Setting Pin.
-
1, 2, 4, 7, 8
NC
NC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com