Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL66CG-03-AA3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UL66CG-03-AA3-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL66CG-03-AA3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UL66CG-03-AA3-R Datasheet HTML 1Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 2Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 3Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 4Page - Unisonic Technologies UL66CG-03-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UL66C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-065.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
OUT Pin Voltage
VOUT
-0.5 ~ 500
V
OUT Pin Current
IOUT
5 ~ 60
mA
Operating Junction Temperature
TOPT
-40 ~ +150
°C
Storage Junction Temperature
TSTG
-50 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT Pin Voltage
VOUT
IOUT=30mA
6.5
V
OUT Pin Withstanding Voltage
IOUT=0
500
V
Output Current
IOUT
5
60
mA
Quiescent Current
IQ
VOUT=10V REXT No Collection
0.16
0.25
mA
0.3
V
REXT Pin Voltage
VREXT
VOUT=10V
0.6
V
Output Current Error
IOUT=5~60mA
± 4
%
Temperature Compensate Point
TCP
140
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com