Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL98AG-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UL98AG-AE3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL98AG-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UL98AG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 4Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 5Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UL98A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-150.a
ELECTRICAL CHARACTERISTICS (TA=25°C, Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY SECTION
Input Voltage
VIN
85
220
265
V
Output LED Current
ILED
0
100
150
mA
Chip Operating Voltage
VDD
DRAIN=100V
6
6.6
7.2
V
Chip Starting Voltage
VDD_ON
VDD rise
5
5.3
5.6
V
Chip Starting Current
IST
VDD=5.3V
0.5
1
2
mA
Chip Operating Current
ICC
120
180
300
uA
Power Efficiency
η
ILED=100mA
0.88
Power Factor
PF
ILED=100mA
0.4
0.5
0.7
CC SECTION
The Precision of Constant Current
CC
ILED=0mA~200mA
±5
%
Standby Power Consumption
0.3
W
PROTECTION SECTION
Short Circuit Protection Frequency
FST
VIN=220AC, RCS=3Ω
2
3
4
KHz
Current Detection Threshold
VCS_TH
580
600
620
mV
Edge Blanking Time
TLEB
500
ns
Turn Off Delay Time
TOFF_DELAY
200
ns
TIME CONTROL SECTION
Minimum Turn Off Time
TOFF_MIN
2.5
us
Maximum Turn off Time
TOFF_MAX
300
us
Maximum Turn-on Time
TON_MAX
40
us
POWER MOS
SECTION
LDMOS Withstand Voltage
BV
500
550
600
V
Conduction Resistance
RON
IDS=0.1A
30
TEMPER SECTION
Over Temper Adjust
140
°C
Over Temper Protect
160
°C
Over Temper Hysteresis
20
°C
Notes: 1. The parameters are not 100% tested in production.
2. The minimum, maximum range of standard specification by the test to ensure, typical values by design,
test or analysis to ensure.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com