Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL98AG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL98AG-AE3-R
Description  NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL98AG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL98AG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 4Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 5Page - Unisonic Technologies UL98AG-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL98A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-150.a
NON ISOLATED BUCK
CONSTANT CURRENT LED
DRIVER IC
DESCRIPTION
UL98A
is a high precision LED BUCK constant current driver
chip. The chip operates in the inductor current critical continuous
mode, which is suitable for the non isolated buck LED constant
current power supply with 85Vac~265Vac full range input voltage.
UL98A
chip integrated 500V power switch by patent
demagnetization detection technology and high voltage power
supply technology, without detection and power supply for auxiliary
winding, the peripheral devices are more simple, saving the cost
and volume of the system.
UL98A
chip with high precision current sampling circuit, while
the use of patented constant current control technology to achieve
high accuracy of the LED constant current output and excellent line
voltage regulator. The chip operates in the critical mode of inductor
current and the output current is not changed with the increase of
the inductance and the working voltage of LED.
UL98A
has a variety of protection features, including LED short
circuit protection, under voltage protection, over temperature
adjustment function and so on.
FEATURES
* The integrated 500V power mos.
* The integrated high voltage power supply function.
* The inductor current critical continuous mode.
* Without auxiliary winding detection and power supply.
* The wide voltage input voltage.
* ±5% LED output current accuracy.
* The LED short circuit and open circuit protection.
* The chip power supply under voltage protection.
* The regulating function of overheating
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UL98AL-AE3-R
UL98AG-AE3-R
SOT-23
Tape Reel


Similar Part No. - UL98AG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Mersen
UL98 MERSEN-UL98 Datasheet
1Mb / 5P
Disconnect Switches
logo
Unisonic Technologies
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98BG-AE3-R UTC-UL98BG-AE3-R Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98BL-AE3-R UTC-UL98BL-AE3-R Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
More results

Similar Description - UL98AG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82C UTC-UL82C Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
logo
SHENZHEN FUMAN ELECTRON...
FM7606 FUMAN-FM7606 Datasheet
256Kb / 9P
Non-isolated buck automatic cycle dimming LED constant current driver IC
logo
Maxic Technology Corpor...
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727XK MAXIC-MT7727XK Datasheet
206Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com