Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX14
Description  LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX14 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX14 Datasheet HTML 1Page - STMicroelectronics 74LCX14 Datasheet HTML 2Page - STMicroelectronics 74LCX14 Datasheet HTML 3Page - STMicroelectronics 74LCX14 Datasheet HTML 4Page - STMicroelectronics 74LCX14 Datasheet HTML 5Page - STMicroelectronics 74LCX14 Datasheet HTML 6Page - STMicroelectronics 74LCX14 Datasheet HTML 7Page - STMicroelectronics 74LCX14 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
5V TOLERANT INPUTS
s
HIGH SPEED :
tPD = 5.0ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 14
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX14 is a low voltage CMOS HEX
SCHMITT INVERTER fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications. It can be interfaced to 5V
signal environment for inputs
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
Pin configuration and function are the same as
those of
the 74LCX04 but the 74LCX14 has
hysteresis between the positive and negative
input threshold typically of 0.8V.
This together with its schmitt trigger function
allows it to be used on line receivers with slow
rise/fall input signals.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LCX14
LOW VOLTAGE CMOS HEX SCHMITT INVERTER
WITH 5V TOLERANT INPUTS
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74LCX14M
74LCX14MTR
TSSOP
74LCX14TTR
TSSOP
SOP


Similar Part No. - 74LCX14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
243Kb / 15P
Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
10-Jul-2006
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14 Datasheet
766Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14BQX FAIRCHILD-74LCX14BQX Datasheet
82Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results

Similar Description - 74LCX14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Jul-2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
Sep-2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
Low voltage CMOS HEX inverter with 5V tolerant inputs
06-Jul-2006
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
10-Jul-2006
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com