Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS702 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS702
Description  Flexible Remote Control (FRC) Technology Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS702 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS702 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS702 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FRC CAD and Programmer features
Every FRC remote control project contains three separate CAD sections, providing data for:
-
PCB key layout,
-
Protocol description (with all timings specification) and
-
Command Address/ Data info
Programmable parameters: Key-type (Normal, Shift or Special), Modulation type, Resonator frequency, Bit-
time, Duty factor, etc.
The implemented FRC CAD project is downloaded to the Chip Programmer and GS702 programming is
performed in an autonomous (disconnected from the PC) mode.
Application Scheme of GS702 Transmitter Controller
Vcc
IR LED
Gnd
WrD
Vpp
Pgm
OUT_7
IN_0
OUT_6
IN_1
OUT_5
IN_2
OUT_4
IN_3
OUT_3
IN_4
OUT_2
IN_5
OUT_1
IN_6
OUT_0
IN_7
Osc_In
RemOut
Osc_Out
Vcc
13
1
400 kHz to 550 kHz
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
21
22
23
24
K 1
K 1
K 3
K 3
K 4
K 4
K 5
K 5
K 6
K 6
K 7
K 7
K 15
K 15
K 14
K 14
K 13
K 13
K 12
K 12
K 11
K 11
K 10
K 10
K 9
K 9
K 17
K 17
K 18
K 18
K 19
K 19
K 20
K 20
K 21
K 21
K 22
K 22
K 23
K 23
K 31
K 31
K 30
K 30
K 29
K 29
K 28
K 28
K 27
K 27
K 26
K 26
K 25
K 25
K 33
K 33
K 34
K 34
K 35
K 35
K 36
K 36
K 37
K 37
K 38
K 38
K 39
K 39
K 47
K 47
K 46
K 46
K 45
K 45
K 44
K 44
K 43
K 43
K 42
K 42
K 41
K 41
K 49
K 49
K 57
K 57
K 58
K 58
K 59
K 59
K 60
K 60
K 61
K 61
K 62
K 62
K 63
K 63
K 50
K 50
K 51
K 51
K 52
K 52
K 53
K 53
K 54
K 54
K 55
K 55
K 8
K 8
K 16
K 16
K 24
K 24
K 32
K 32
K 40
K 40
K 48
K 48
K 56
K 56
K 64
K 64
K 2
K 2
For further information, please, contact us:
Phone/FAX (+359) 723 66758
E-mail: conel@botevgrad.info
conel-m@botevgrad.com
http: www.conel-bg.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com