Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS702 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS702
Description  Flexible Remote Control (FRC) Technology Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS702 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS702 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS702 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS –702
Flexible Remote Control (FRC) Technology ™ Transmitter
GENERAL DESCRIPTION
The GS 702 transmitter controller has been designed in order to meet the requirements of
replacement remote control makers. It’s structure is based on Application Specific Programmable
Micro-controller with a super parallel architecture implemented by means of CMOS EPROM
technology.
GS 702 replaces most of the original transmitter ICs, used nowadays. Additionally, many
parameters and functional features have been dramatically improved. A typical remote control
implementation, shown on Fig 1 uses only four external components, and power consumption
in stand-by mode is in the range of 100nA.
In order to facilitate application project design for different type of protocols, a FRC CAD system
and Chip Programmer are available. The CAD library contains more than 30 of most popular
protocols, at present, and new ones could be developed and added by the user.
GS 702 Transmitter Pin Description
Pin No
Symbol
Description
1
OSC0
Oscillator Output
2
OSC1
Oscillator Input
3-10
OUT0-OUT7
Key Outputs
11
VPP
Programming Voltage
12
GND
Ground
13
WRD
Terminal for Test and EPROM Programming
14
PGM
Terminal for Test and EPROM Programming
15-22
IN0-IN7
Key Inputs, Internally Pull Down to GND
23
REM
Remote Output
24
VCC
Positive Supply
Electrical Characteristics (Ta=25
o C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.2
3.3
V
Supply Current
ICC
VCC=3V,Standby
0.1
1
uA
Output Current
IREM
VCC=2.2V
10
mA
Input Pull Down R
Rio
VCC=3V
20
kOhm
GS 702 Specific Characteristics
Key matrix:
- 64 (8 X 8) buttons.
Ceramic resonator used:
- 400 ÷550 kHz
Transmission modes:
- flash or modulated.
Programming Time:
- 3 ÷ 5 sec.
Packages available:
- DIL24, SOP24 and COB (Chip–On–Board)


Similar Part No. - GS702

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
1Mb / 23P
PRO-LINX Serial Digital Receiver
GS7025-CQM GENNUM-GS7025-CQM Datasheet
134Kb / 13P
Serial Digital Receiver
GS7025-CQME3 GENNUM-GS7025-CQME3 Datasheet
1Mb / 23P
PRO-LINX Serial Digital Receiver
GS7025-CTM GENNUM-GS7025-CTM Datasheet
134Kb / 13P
Serial Digital Receiver
More results

Similar Description - GS702

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
REMOTE CONTROL TRANSMITTER
28-Jun-2004
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com