Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3004LD Datasheet (PDF) - STMicroelectronics

M3004LD Datasheet PDF - STMicroelectronics
Part # M3004LD
Download  M3004LD Download
File Size   336.88 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REMOTE CONTROL TRANSMITTER

M3004LD Datasheet (PDF)

Go To PDF Page Download Datasheet
M3004LD Datasheet PDF - STMicroelectronics

Part # M3004LD
Download  M3004LD Click to download

File Size   336.88 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description REMOTE CONTROL TRANSMITTER

M3004LD Datasheet (HTML) - STMicroelectronics


M3004LD Product details

DESCRIPTION

The M3004LAB1/M3004LDtransmitter IC are designed for infrared remote control systems. It has a total of 448 commands which are divided into 7 sub-system groups with 64 commands each. The sub-system code may be selected by a press but ton, a slider switch or hard wired.The M3004LAB1/M3004LD generate the pattern for driving the output stage. These patterns are pulse distance coded. The pulses are infrared flashes or modulated. The transmission mode is defined in conjunction with the sub-system address. Modulated pulses allow receivers with narrow-band preamplifiers for improved noise rejection to be used. Flashed pulses require a wide-band preamplifier within the receiver.



. FLASHED OR MODULATED TRANSMISSION

. 7 SUB-SYSTEM ADDRESSES

. UP TO 64 COMMANDS PER SUB-SYSTEM ADDRESS

. HIGH-CURRENT REMOTE OUTPUT AT VDD = 6V (– IOH = 80mA)

. LOW NUMBER OF ADDITIONAL COMPONENTS

. KEY RELEASE DETECTION BY TOGGLE BITS

. VERY LOW STAND-BY CURRENT (< 2µA)

. OPERATIONAL CURRENT < 1mA AT 6V SUPPLY

. SUPPLY VOLTAGE RANGE 2 TO 6.5V

. CERAMIC RESONATOR CONTROLLED FREQUENCY (typ. 450kHz)




Similar Part No. - M3004LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M3004LD STMICROELECTRONICS-M3004LD Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
More results


Similar Description - M3004LD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com