Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3004LD Datasheet(PDF) 3 Page - STMicroelectronics

Part # M3004LD
Description  REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3004LD Datasheet(HTML) 3 Page - STMicroelectronics

  M3004LD Datasheet HTML 1Page - STMicroelectronics M3004LD Datasheet HTML 2Page - STMicroelectronics M3004LD Datasheet HTML 3Page - STMicroelectronics M3004LD Datasheet HTML 4Page - STMicroelectronics M3004LD Datasheet HTML 5Page - STMicroelectronics M3004LD Datasheet HTML 6Page - STMicroelectronics M3004LD Datasheet HTML 7Page - STMicroelectronics M3004LD Datasheet HTML 8Page - STMicroelectronics M3004LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
M3004LD
REMOTE CONTROL SIGNAL OUTPUT (REMO)
The REMO signal output stage is a push-pull type.
In the HIGH state, a bipolar emitter-follower allows
a high output current. The timing of the data output
format is listed in Table 1 and 2. The information is
defined by the distance tb between the leading
edges of the flashed pulses or the first edge of the
modulated pulses (see Figure 6). The format of the
output data is given in Figure 5 and 6. The data
word starts with two toggle bits T1 and T0, fol-
lowed by three bits for defining the sub-system ad-
dress S2, S1 and S0, and six bits F, E, D, C, Band
A which are defined by the selected key.
In the modulated transmission mode the first tog-
gle bit is replaced by a constant reference time bit
(REF). This can be used as a reference time for
the decoding sequence. The toggle bits function is
an indication for the decoder that the next instruc-
tion has to be considered as a new command. The
codes for the sub-system address and the select-
ed key are given in Table 3 and 4.
The REMO output is protected against ”Lock-up”,
i.e. the length of an output pulse is limited to <1ms,
even if the oscillator stops during an output pulse.
This avoids the rapid discharge of the battery that
would otherwise be caused by the continuous ac-
tivation of the LED.
OSCILLATOR INPUT / OUTPUT
(OSCI and OSCO)
The external components must be connected to
these pins when using an oscillator with a ceramic
resonator. The oscillator frequency may vary be-
tween 350kHz and 600kHz as defined by the res-
onator.
FUNCTIONAL DESCRIPTION
Keyboard operation
In the stand-by mode all drivers (DRV0N to
DRV6N) are on (low impedance to VSS). When
ever a key is pressed, one or more of the sense in-
puts (SENnN) are tied to ground. This will start the
power-up sequence. First the oscillator is activat-
ed and after the debounce time tDB (see Figure 7)
the output drivers (DRV0N to DRV6N) become ac-
tive successively.
Within the first scan cycle the transmission mode,
the applied sub-system address and the selected
command code are sensed and loaded into an in-
ternal data latch.
In contrast to the command code, the sub-system
is sensed only within the first scan cycle. If the ap-
plied sub-system address is changed while the
command key is pressed, the transmitted sub-sys-
tem address is not altered.
In a multiple key stroke sequence (see Figure 8)
the command code is always altered in accor-
dance with the sensed key.
MULTIPLE KEY-STROKE PROTECTION
The keyboard is protected against multiple key-
strokes. If more than one key is pressed at the
same time, the circuit will not generate a new out-
put at REMO (see Figure 8). In case of a multiple
key-stroke, the scan repetition rate is increased to
detect the release of a key as soon as possible.
There are two restrictions caused by the special
structure of the keyboard matrix:
– The keys switching to ground (code numbers 7,
15, 23, 31, 39, 47, 55 and 63) and the keys
connectedto SEN5N and SEN6N are not
covered
completely
by
the
multiple
key
protection. If one sense input is switched to
ground,further keys on the same sense line are
ignored, i.e. the command code corresponding
to ”key to ground” is transmitted.
– SEN5N and SEN6N are not protected against
multiple keystroke on the same driver line,
because this condition has been used for the
definition of additional codes (code number 56
to 63).
OUTPUT SEQUENCE (data format)
The output operation will start when the selected
code is found. A burst of pulses, including the
latched address and command codes, is generat-
ed at the output REMO as long as a key is
pressed.
The format of the output pulse train is given in Fig-
ure 5 and 6. The operation is terminated by releas-
ing the key or if more than one key is pressed at
the same time. Once a sequence is started, the
transmitted data words will always be completed
after the key is released.
The toggle bits T0 and T1 are incremented if the
key is released for a minimum time tREL (see Fig-
ure 7). The toggle bits remain unchanged within a
multiple key-stroke sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com