Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE809N Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE809N
Description  Ultra Low Power Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809N Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE809N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 7Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE803N/ACE809N/ACE810N
Ultra Low Power Microprocessor Reset IC
VER 1.2
5
Detailed Description
A microprocessor’s (μP’s) reset input starts the μP in a known state. The ACE803N/809N/810N series
assert reset to prevent code-execution errors during power-up, power-down, or brownout conditions. The
device consists of a comparator, a low current high precision voltage reference, voltage divider, output
delay circuit and output driver. They assert a reset signal whenever the VCC supply voltage declines below
a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the reset threshold.
The ACE809N/810N have a CMOS output stage, the ACE803N has an open drain output stage. The
ACE803N/809N have an active-low RESET output, while the ACE810N has an active-high RESET output.
The reset comparator is designed to ignore fast transients on VCC, and the outputs are guaranteed to be in
the correct logic state for VCC down to 1.15V over the temperature range.
The operation of the device can be best understood by referring to figure 3.
Fig. 2 Timing waveform
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the
μP during power-up, power-down, and brownout conditions, the
ACE803N/809N/810N series are relatively immune to short-duration negative-going VCC transients
(glitches). As the magnitude of the transient increases (goes farther below the reset threshold), the
maximum allowable pulse width decreases. Typically, a VCC transient that goes 100mV below the reset
threshold and lasts 10μs or less will not cause a reset pulse. A 0.1μF bypass capacitor mounted as close
as possible to the VCC pin provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com