Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE809N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE809N
Description  Ultra Low Power Microprocessor Reset IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE809N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 7Page - ACE Technology Co., LTD. ACE809N Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE803N/ACE809N/ACE810N
Ultra Low Power Microprocessor Reset IC
VER 1.2
1
Description
The ACE803N/ACE809N/ACE810N series are micro- processor
(μP) supervisory circuits used to
monitor the
power supplies in μP and digital systems. They provide excellent circuit reliability and low cost
by eliminating external components.
These circuits perform a single function: they assert a reset signal whenever the VCC supply voltage
declines below a preset threshold, keeping it asserted for at least 140ms after VCC has risen above the
reset threshold.
The ACE809N/810N have CMOS outputs, The ACE803N has open drain output. The ACE803N/809N
have an active-low RESET output, while the ACE810N has an active-high RESET output. The reset
comparator is designed to ignore fast transients on VCC, and the outputs are guaranteed to be in the
correct logic state for VCC down to 1.15V over the temperature range.
Features
Precise Reset Threshold: ±2.5%
CMOS Output(ACE809N/810N) and Open Drain Output(ACE803N)
140ms min Reset Pulse Width
3.2μA Supply Current @V
CC=3V
Guaranteed Reset Valid to V
CC = +1.15V
Power Supply Transient Immunity
Operating Temperature Range: -40°C to +85°C
Application
Computers
Portable/Battery-Powered Equipment
Intelligent Instruments
Controllers
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Terminal Voltage (With respect to GND)
VCC
-0.3~6
V
RESET, RESET
Input / Output Current
VCC
20
mA
RESET, RESET
Thermal resistance
θ
JA
300
℃/W
Operating Temperature
TA
-40~85
℃
ESD Rating (HBM)
4
KV
Storage Temperature
TS
-60 to 150 ℃
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.


Similar Part No. - ACE809N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809JBM+H ACE-ACE809JBM+H Datasheet
308Kb / 5P
3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809LBM+H ACE-ACE809LBM+H Datasheet
200Kb / 6P
3-Pin Microprocessor Reset Circuits
VER 1.2
More results

Similar Description - ACE809N

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com