Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7212E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE7212E
Description  18V, 2A, High Efficiency Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7212E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE7212E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE7212E
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
4
Electrical Characteristics
(Typical values are at TA = 25°C unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
4.5
18
V
Input UVLO
Rising, Hysteresis=320mV
4.05
V
Input OVP
Rising, Hysteresis=0.9V
19
V
Input Supply Current
VFB=0.85V, no switching
177
µA
Input Shutdown Current
7
14
µA
FB Voltage
0.785
0.800
0.815
V
FB Input Current
0
1
µA
Switching Frequency
700
kHz
Maximum Duty Cycle
97
%
Short Circuit Hiccup Time
On Time
2
mS
Off Time
6
mS
FB Hiccup Threshold
0.6
V
High Side Switch On Resistance
130
mΩ
Low Side Switch On Resistance
65
mΩ
High Side Current Limit
3.0
A
SW Leakage Current
IN=SW=12V
10
µA
EN Rising Threshold
Rising, Hysteresis=90mV
1.2
V
EN Input Current
VEN=2V
2
3
uA
Thermal Shutdown
Rising, Hysteresis =36°C
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com