Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7212E Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7212E
Description  18V, 2A, High Efficiency Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7212E Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7212E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7212E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE7212E
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
1
Description
ACE7212E is a wide input range, high-efficiency and high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 2A of output current. It adopts an Adaptive COT control scheme that
enables very fast transient response and provides a very smooth transition when the output varies from
light load to heavy load. During light load, ACE7212E goes into a PFM mode that saves switching loss
achieving high efficiency. The adaptive COT control also maintains a constant switching frequency across
line and load. An OVP function protects the IC itself and its downstream system against input voltage
surges. With this OVP function, the IC can stand off input voltage as high as 18V, making it an ideal
solution for industrial applications such as LCD TV, Set Top Box, Portable TV, etc.
Features
Wide Input Range: 4.5V-18V
Adaptive COT Control
Ultra-fast load transient response
High Efficiency PFM mode at light load
High Efficiency Synchronous operation
No load IQ 180uA
Low Rdson Internal power FETs
Capable of Delivering 2A
No External Compensation Needed
Thermal Shutdown and UVLO
Available in SOT-563 Package
Application
LCD TV
Set Top Box
xDSL Modem
Absolute Maximum Ratings
Parameter
Value
IN, SW, EN Voltage
–0.3V to 18V
BST Voltage
–0.3V
to SW+6V
FB Voltage
–0.3V to 6V
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
–55°C to 150°C
Thermal Resistance
θ
JA
130 °C /W
θ
JC
60 °C /W
Lead Temperature (Soldering 10ssec)
260°C
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE7212E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
More results

Similar Description - ACE7212E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com