Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE7215A
Description  1.5A 2MHz 6V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE7215A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE7215A
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
4
Electrical Characteristics
(Vin=5V, TA=25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vin
Input Voltage Range
2.6
6
V
Vref
Feedback Voltage
Vin=5V
0.588
0.6
0.612
V
IFB
Feedback Leakage
current
0.1
1
uA
IQ
Quiescent Current
Active, VFB=0.65, No
Switching
80
uA
Shutdown
1
uA
LNR
Line Regulation
Vin=2.6V to 5.5V
0.1
0.2
%/V
LDR
Load Regulation
Iout=0.01 to 1A
0.1
0.2
%/A
F
SOC
Switching Frequency
1.6
2
2.4
MHz
R
DSONP
PMOS Rdson
250
350
mohm
R
DSONN
NMOS Rdson
150
250
mohm
V
UVLO
Under Voltage Lockout
1.9
2.1
2.3
V
V
UVLO_HY
UVLO Hysteresis
100
mV
Ilimit
Peak Current Limit
1.8
2.3
A
Inoload
Vin=5V, Vout=3.3V,
Iout=0
80
uA
Iswlk
SW Leakage Current
Vout=6V,VSW=0 or
6V,EN=0V
1
uA
Ienlk
EN Leakage Current
1
uA
Vh_en
EN Input High Voltage
1.2
V
Vl_en
EN Input Low Voltage
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com