Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7215A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7215A
Description  1.5A 2MHz 6V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7215A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7215A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7215A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE7215A
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
1
Description
The ACE7215A is a high-efficiency, DC-to-DC step- down switching regulators, capable of delivering up to
1.5Aofoutput current. Thedeviceoperates from an input voltage range of 2.6V to 6V and provides an output
voltage from 0.6V to VIN, making the ACE7215A ideal for low voltage power conversions. Running at a
fixed frequency of 2MHz allows the use of small external components, such as ceramic input and output caps,
as well as small inductors, while still providing low output ripples. This low noise output along with its
excellent efficiency achieved by the internal synchronous rectifier, making ACE7215A an ideal green
replacement for large power consuming linear regulators. Internal soft- start control circuitry reduces inrush
current.Short- circuit and thermal-overload protection improves design reliability.
Features
HighEfficiency: Up to97%
Capable of Delivering 1.5A
2MHz Switching Frequency
No External Schottky Diode Needed
Low dropout 100% Duty operation
Internal Compensation and Soft-Start
Current Mode control
0.6V Reference for Low Output voltages
Logic Control Shutdown (IQ<1uA)
Thermal shutdown, UVLO
Available in SOT23-5
Application
Cellular phones
Digital Cameras
MP3 and MP4players
Set top boxes
Wireless and DSL Modems
USB supplied Devices in Notebooks
Portable Devices
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
8V
Max Operating Junction Temperature(Tj)
125
°C
Ambient Temperature(Ta)
-40
°C – 85°C
Maximum Power Dissipation
400mW
Storage Temperature(Ts)
-40
°C - 150°C
Lead Temperature & Time
26
°C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE7215A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results

Similar Description - ACE7215A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108 Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108_06 Datasheet
304Kb / 12P
2A, 6V, 740KHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
AiT Semiconductor Inc.
A7115B AITSEMI-A7115B Datasheet
408Kb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.5A 2MHz SYNCHRONOUS
REV1.4 - MAY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com