Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7403B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7403B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7403B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7403B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE7403B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Electrical Characteristics @TA=25℃ unless otherwise noted
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID= 250μ A
30
33
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 30V, VGS=0V
1
μA
Gate Threshold Voltage
V
GS(TH)
V
GS = VDS, IDS= 250μ A
0.8
1.1
1.4
V
Gate Leakage Current
I
GSS
VGS=±20V, VDS=0V
±100
nA
Drain-Source On-state
Resistance
R
DS(on)
V
GS = 10V, ID = 20A
8
11
mΩ
VDS= 5V, ID= 20A
10
16
Forward Transconductance
g
FS
VDS= 5V, ID= 20A
15
S
Diode Forward Voltage
V
SD
ISD= 25A , VGS=0V
0.85
1.2
V
Diode Forward Current
IS
50
A
Switching
Total Gate Charge
Q
g
VDS=10V,ID=25
VGS=10V
23
nC
Gate-Source Charge
Q
gs
7
nC
Gate-Drain Charge
Q
gd
4.5
nC
Turn-on Delay Time
td ( on )
VDD=15V,VGS=10V,
RG=1.8Ω, ID=20A
10
ns
Turn-on Rise Time
tr
8
ns
Turn-off Delay Time
t
d( off )
30
ns
Turn-Off Fall Time
tf
5
ns
Dynamic
Input Capacitance
Ciss
VDS=15V,VGS=0V,
f=1.0MHz
2000
pF
Output Capacitance
Coss
280
pF
Reverse Transfer Capacitance
Crss
160
pF
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com