Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7403B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7403B
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7403B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7403B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7403B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE7403B
N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
ACE7403B uses advanced trench technology and desgin to provide excellent RDS(ON) with low gate
charge. It can be used in a wide variety of applications.
Features
VDS= 30V, ID= 50A
RDS(ON)1@VGS= 10V, IDS=25A,TYP 8mΩ
RDS(ON)2@VGS= 5V, IDS=20A,TYP 10mΩ
Absolute Maximum Ratings @TA=25℃ unless otherwise noted
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
V
DSS
30
V
Gate-Source Voltage
V
GSS
±20
V
Drain Current (Continuous) *AC
TA=25°C
I
D
50
A
TA=100°C
35
Drain Current (Pulse) *B
I
DM
140
A
Power Dissipation
TA=25°C
P
D
60
W
Operating Temperature/ Storage Temperature
T
J//TSTG
-55~175
OC
Packaging Type
TO-252
Ordering information
ACE7403BXX + H
Halogen - free
Pb - free
YM:TO-252


Similar Part No. - ACE7403B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7400 ACE-ACE7400 Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400 ACE-ACE7400 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400CM+H ACE-ACE7400CM+H Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400CM+H ACE-ACE7400CM+H Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400 ACE-ACE7400_12 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE7403B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com